Part Number Hot Search : 
ST763A A0510 BCM56 9351H GZF15C 2MBI3 MD3251AF S302H3
Product Description
Full Text Search
 

To Download M74HC540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC540/541 M74HC540/541
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
DESCRIPTION
GH SPEED tPD = 10 ns (TYP.) at VCC = 5V SSIPATION o ICC = 4 A (MAX.) at TA = 25 C GH NOISE IMMUNITY VNIH = VINL = 28 % VCC (MIN.) VE CAPABILITY 15 LSTTL LOADS CAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2V to 6V N AND FUNCTION COMPATIBLE WITH 54/74LS540/541
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCXXXF1R M74HCXXXM1R M74HCXXXB1R M74HCXXXC1R
The M54/74HC540 and HC541 are high speed CMOS OCTAL BUS BUFFERS (3-STATE) fabricated in silicon gate C2MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power consumption. The HC540 is an inverting buffer and HC541 is a non inverting buffer. The 3 STATE control gate operates as a two input AND such that if either G1 and G2 are high, all eight output are in the high impedance state. In order to PIN CONNECTION (top view)
HC540
enhance PC board layout, the HC540 and HC541 offers a pinout having inputs and outputs on opposite sides of the package. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
HC541
October 1993
1/12
M54/M74HC540/541
CHIP CARRIER
HC540 HC541
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HC540)
PIN No 1, 19 2, 3, 4, 5, 6, 7, 8, 9 18, 17, 16, 15, 14, 13, 12, 11 10 20 SYMBOL 1G, G2 A1 to A8 Y1 to Y8 NAME AND FUNCTION Output Enable Inputs Data Inputs Bus Outputs
PIN DESCRIPTION (HC541)
PIN No 1, 19 2, 3, 4, 5, 6, 7, 8, 9 18, 17, 16, 15, 14, 13, 12, 11 10 20 SYMBOL 1G, G2 A1 to A8 Y1 to Y8 NAME AND FUNCTION Output Enable Inputs Data Inputs Bus Outputs
GND V CC
Ground (0V) Positive Supply Voltage
GND VCC
Ground (0V) Positive Supply Voltage
2/12
M54/M74HC540/541
IEC LOGIC SYMBOLS
HC540 HC541
TRUTH TABLE
INPUT G1 H X L L
X: "H" or "L" Z: High impedance
OUTPUT An X X H L Yn (HC540) Z Z L H Yn (HC541) Z Z H L
G2 X H L L
CIRCUIT SCHEMATIC (Per Circuit)
HC540 HC541
3/12
M54/M74HC540/541
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage tothe device may occur. Functional operation under these conditions is not implied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: Input Rise and Fall Time M54HC Series M74HC Series VCC = 2 V VCC = 4.5 V VCC = 6 V Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C o C ns
o
4/12
M54/M74HC540/541
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage 2.0 4.5 6.0 4.5 VOL Low Level Output Voltage 6.0 2.0 4.5 6.0 4.5 6.0 II IOZ ICC Input Leakage Current 3 State Output Off State Current Quiescent Supply Current 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-6.0 mA IO=-7.8 mA VI = IO= 20 A VIH or V IL IO= 6.0 mA IO= 7.8 mA VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 40 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
VIH
High Level Input Voltage Low Level Input Voltage
V IL
VI = VIH or VIL VO = VCC or GND 6.0 VI = VCC or GND
5/12
M54/M74HC540/541
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tPLZ tPHZ CIN CPD (*) Output Disable Time Input Capacitance Power Dissipation Capacitance 2.0 4.5 6.0 CL (pF) TA = 25 C 54HC and 74HC Min. Typ. 25 7 6 40 10 9 56 14 12 47 13 11 61 17 14 52 15 13 5 31 Max. 60 12 10 85 17 14 115 23 20 110 22 19 135 27 23 110 22 19 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 75 19 13 105 21 18 145 29 25 140 28 24 170 34 29 140 28 24 10 Min. Max. 90 18 15 130 26 22 175 35 30 165 33 28 205 41 35 165 33 28 10
Unit
tTLH tTHL tPLH tPHL
Output Transition Time Propagation Delay Time
50
ns
50
ns
150
ns
tPZL tPZH
Output Enable Time
50
RL = 1K
ns
150
RL = 1K
ns
50
RL = 1K
ns pF pF
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/8 (per gate)
TEST CIRCUIT ICC (Opr.)
HC540
6/12
M54/M74HC540/541
SWITCHING CHARACTERISTICS TEST CIRCUIT
HC540
HC541
7/12
M54/M74HC540/541
Plastic DIP20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
8/12
M54/M74HC540/541
Ceramic DIP20 MECHANICAL DATA
mm MIN. A B D E e3 F G I L M N1 P Q 7.9 2.29 0.4 1.27 0.22 0.51 0.5 22.86 2.79 0.55 1.52 0.31 1.27 0.090 0.016 0.050 0.009 0.020 3.3 1.78 0.020 0.900 0.110 0.022 0.060 0.012 0.050 TYP. MAX. 25 7.8 0.130 0.070 MIN. inch TYP. MAX. 0.984 0.307
DIM.
4 (min.), 15 (max.) 8.13 5.71 0.311 0.320 0.225
P057H
9/12
M54/M74HC540/541
SO20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
10/12
M54/M74HC540/541
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
M54/M74HC540/541
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of M74HC540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X